PART |
Description |
Maker |
CS8126-1YDPS7 CS8126-D |
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET VOLT REGULATOR|FIXED| 5V|BIPOLAR|SIP|7PIN|PLASTIC
|
ON Semiconductor
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
RC1117DX RC1117X33 |
1A Adjustable/Fixed Low Dropout Linear Regulator VOLT REGULATOR|ADJUSTABLE| 1.25 TO 6.3V|BIPOLAR|SIP|3PIN|PLASTIC
|
Fairchild Semiconductor
|
A317BT3U A317BT3VU |
BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
|
AIT Components Ltd.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
KIA2951F KIA2951P |
BIPOLAR LINEAR INTEGRATED CIRCUIT (SERIES OF ADJUSTABLE MICROPOWER VOLTAGE REGULATOR)
|
KEC[KEC(Korea Electronics)]
|
KIA78M12F KIA78M05F KIA78M15F KIA78M08F |
0.5A 3-Terminal Voltage Regulator BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
CS8120YDPR5 CS8120YDR14 CS8120YN8 CS8120YTVA5 CS81 |
5V, 300mA Linear Regulator with RESETbar and ENABLEbar 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP
|
ON Semiconductor
|